Part Number Hot Search : 
2SB1292 2SB1292 AP9918GJ 40008 MCP1630 BZX85C12 1N6006 A7912
Product Description
Full Text Search
 

To Download 3KE120A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3KE SERIES
VBR : 13 - 440 Volts PPK : 3000 Watts
FEATURES :
* 3000W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1A above 22V * Pb / RoHS Free
TRANSIENT VOLTAGE SUPPRESSOR
DO-201
0.21 (5.33) 0.19 (4.83)
1.00 (25.4) MIN.
0.375 (9.53) 0.285 (7.24)
MECHANICAL DATA
* Case : DO-201Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Polarity : Color band denotes cathode end except Bipolar. * Mounting position : Any * Weight : 0.93 grams
0.042 (1.07) 0.038 (0.97)
1.00 (25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Power Dissipation at Ta = 25 C, Tp=1ms (Note1) Steady State Power Dissipation at TL = 75 C
Symbol
PPK
Value
Minimum 3000
Unit
W
PD Lead Lengths 0.375", (9.5mm) (Note 2) Operating and Storage Temperature Range TJ, TSTG
5.0
W
- 65 to + 175
C
Note :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 C per Fig. 1 (2) Mounted on Copper Leaf area of 1.57 in2 (40mm2). (3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum.
Page 1 of 4
Rev. 02 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) W orking Peak Reverse Voltage VRWM (V) 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 Maximum Reverse Leakage @ VRWM IR (A) 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 158 164 136 142 128 134 113 119 103 108 94 98 86 90 77 80 69 72 63 66 58 60 53 56 48 51 44 46 41 43 37 39 34 35.4 30.6 32.6 27.8 29.2 25.4 26.6 Maximum Clamping Voltage @ IRSM VRSM (V) 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108 103 118 113 Maximum Temperature Co-efficient of VBR (% / C) 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105
TYPE
VBR (V) Min. 3KE13 3KE13A 3KE15 3KE15A 3KE16 3KE16A 3KE18 3KE18A 3KE20 3KE20A 3KE22 3KE22A 3KE24 3KE24A 3KE27 3KE27A 3KE30 3KE30A 3KE33 3KE33A 3KE36 3KE36A 3KE39 3KE39A 3KE43 3KE43A 3KE47 3KE47A 3KE51 3KE51A 3KE56 3KE56A 3KE62 3KE62A 3KE68 3KE68A 3KE75 3KE75A 3KE82 3KE82A 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 Max. 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 It (mA) 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Page 2 of 4
Rev. 02 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) W orking Peak Reverse Voltage VRWM (V) 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342 356 376 Maximum Reverse Leakage @ VRWM IR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 22.8 24.0 20.8 22.0 19.0 19.8 17.4 18.2 16.0 16.8 14.0 14.4 13.0 13.6 12.4 12.8 11.6 12.2 10.4 11.0 8.6 9.2 10 10 10 10 8.0 8.0 8.0 8.0 4.8 5.0 Maximum Clamping Voltage @ IRSM VRSM (V) 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 602 Maximum Temperature Co-efficient of VBR (% / C) 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
TYPE
VBR (V) Min. 3KE91 3KE91A 3KE100 3KE100A 3KE110 3KE110A 3KE120 3KE120A 3KE130 3KE130A 3KE150 3KE150A 3KE160 3KE160A 3KE170 3KE170A 3KE180 3KE180A 3KE200 3KE200A 3KE220 3KE220A 3KE250 3KE250A 3KE300 3KE300A 3KE350 3KE350A 3KE400 3KE400A 3KE440 3KE440A 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 315 332 360 380 396 418 Max. 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 330 315 385 368 440 420 484 462 It (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Note: ( 1 ) VBR measured after It applied for 300 s., It = square wave pulse or equivalent. ( 2 ) VF = 5.0 Vmax., IF = 100 Amps. per 1/2 square or equivalent sine wave. PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
Page 3 of 4
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( 3KE SERIES )
FIG.1 - PULSE DERATING CURVE FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
240
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
120
100
PEAK FORWARD SURGE CURRENT, AMPERES
200
80
160
60
120
40
80
20 0 0 25 50 75 100 125 150 175
40 0 1
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 2 4 6 10 20 40 60 100
Ta, AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - STEADY STATE POWER DERATING PD, STEADY STATE POWER DISSIPATION (WATTS)
5.00 100
FIG.4 - PULSE RATING CURVE
3.75
Pp,PEAK POWER (kW)
Single Phase Half Wave 60 Hz Resistive or Inductive load
10
2.50
1.0
1.25
0.1 0.1s 125 150 175 200
1.0s
10s
100s
1.0ms
10ms
0 0 25 50 75 100
tp, PULSE WIDTH
TL, LEAD TEMPERATURE (C)
FIG.5 - PULSE WAVEFORM PEAK PULSE CURRENT - % IRMS
Tr = 10s 100 Peak Value IRMS TJ=25 C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM
50
Half Value - IRMS 2 10X1000 Waveform as defined by R.E.A. tp
0 0 1.0 2.0 3.0 4.0
T, TIME(ms)
Page 4 of 4
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of 3KE120A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X